PART |
Description |
Maker |
PS7241C-AT5F3 PS7241C-AT1F4 PS7241C-AT5F4 |
FET-OUTPUT OPTOCOUPLER High and Low Side Driver, Noninverting Inputs; A IR2101 packaged in a 8-Lead PDIP High and Low Side Driver, SoftTurn-On, Noninverting Inputs in a 8-pin DIP package; A IR2106 packaged in a Lead-Free 14-Lead PDIP High and Low Side Driver, SoftTurn-On, Noninverting Inputs, All High Voltage Pins on One Side, Separate Logic and Power Ground in a 14-pin DIP package; A IRS21064 packaged in a Lead-Free 14-Lead PDIP 场效应管输出光耦合 High and Low Side Driver, Noninverting Inputs; A IR2101S with Standard Packaging 场效应管输出光耦合
|
NEC, Corp.
|
MIC501305 MIC5013YM |
IC DRIVER MOSF HI/LO SIDE 8SOIC BUF OR INV BASED MOSFET DRIVER, PDSO8 Protected High- or Low-Side MOSFET Driver
|
Micrel Semiconductor, Inc.
|
IRS2106STRPBF |
High and Low Side Driver, SoftTurn-On, Noninverting Inputs, All High Voltage Pins on One Side, SPLG
|
International Rectifier
|
AUIRS2181STR |
Automotive qualified High and Low Side Driver, SoftTurn-On, Noninverting Inputs, Separate High and Low Side Inputs in a 8-pin SOIC package
|
International Rectifier
|
IR2131S IR2131STR IR2131J IR2131JTR |
3 Phase Driver. Inverting Input. Independent High and Low Side. 700ns Deadtime in a 28-lead SOIC package 3相驱动程序。反相输入。独立的高端和低端。死区时00ns28引脚SOIC封装 3 Phase Driver, Inverting Input, Independent High and Low Side, 700ns Deadtime in a mod. 44-lead PLCC package 3 Phase Driver, Inverting Input, Independent High and Low Side, 700ns Deadtime in a 28-pin DIP package 3 Phase Driver, Inverting Input, Independent High and Low Side, 700ns Deadtime in a 28-lead SOIC package
|
Fairchild Semiconductor, Corp. International Rectifier
|
IXD611S1 IXD611P1 IXD611P7 IXD611S7 |
600V, 600 mA High and Low-side Driver 600V, 600 mA High & Low-side Driver for N-Channel MOSFETs and IGBTs
|
IXYS Corporation
|
DGD2181 DGD2181S8-13 |
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8
|
Diodes Incorporated
|
IRS21953SPBF |
HIGH SIDE & DUAL LOW SIDE DRIVER IC
|
International Rectifier
|
MIC446705 MIC44XXBWM MIC446711 MIC4468 MIC4469BWM |
Quad 1.2A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS 1.2 A 4 CHANNEL, AND GATE BASED MOSFET DRIVER, PDSO16 MOSFET Driver IC; MOSFET Driver Type:Quad Drivers, Low Side H Bridge; Peak Output High Current, Ioh:1.2A; Rise Time:14ns; Fall Time, tf:13ns; Load Capacitance:1000pF; Package/Case:16-SOIC; No. of Drivers:4; Supply Voltage Max:18V RoHS Compliant: Yes
|
Micrel Semiconductor MICREL INC
|
IR2011 IR2011S |
High and Low Side Driver in a 8-Lead PDIP package High and Low Side Driver in a 8-Lead SOIC package
|
International Rectifier
|
TLE7826G |
Integrated double low-side switch, high-side/LED driver, hall supply, wake-up inputs and LIN communication with embedded MCU (32kB Flash)
|
Infineon Technologies AG
|
L9348 L9348-DIE1 L9348-TR |
Relay, DPDT, 16 Amp, Dual Coil,24A RoHS Compliant: Yes CAP CER 1500PF 3.15KVDC R3 RAD QUAD LOW SIDE DRIVER QUAD LOW SIDE DRIVER
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|